PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PDTA143TU PDTA143T PDTA143TE PDTA143TEF PDTA143TK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = open; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA114Y PDTA114YE PDTA114YEF PDTA114YK PDTA114YM |
PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PDTA114Y series; PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMB4 PEMB4_1 |
PNP resistor-equipped double transistor R1 = 10 kohm/ R2 = open From old datasheet system PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PEMB3 PEMB3-PUMB3-15 |
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
|
NXP Semiconductors
|
PUMB4 PEMB4 PEMB4-PUMB4-15 |
PNP/PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = open PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
|
NXP Semiconductors
|
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTA143ZMB |
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
|
NXP Semiconductors
|
PDTA144EEF PDTA144 |
PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|
PDTA123EMB |
PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|